Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS516 Fiches technique(PDF) 17 Page - NXP Semiconductors

No de pièce BAS516
Description  High-speed switching diodes, encapsulated in small Surface-Mounted Device (SMD) plastic packages
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS516 Fiches technique(HTML) 17 Page - NXP Semiconductors

Back Button BAS516 Datasheet HTML 12Page - NXP Semiconductors BAS516 Datasheet HTML 13Page - NXP Semiconductors BAS516 Datasheet HTML 14Page - NXP Semiconductors BAS516 Datasheet HTML 15Page - NXP Semiconductors BAS516 Datasheet HTML 16Page - NXP Semiconductors BAS516 Datasheet HTML 17Page - NXP Semiconductors BAS516 Datasheet HTML 18Page - NXP Semiconductors BAS516 Datasheet HTML 19Page - NXP Semiconductors BAS516 Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
BAS16_SER_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 25 August 2008
17 of 20
NXP Semiconductors
BAS16 series
High-speed switching diodes
Fig 29. Wave soldering footprint BAS316 (SOD323/SC-76)
Reflow soldering is the only recommended soldering method.
Fig 30. Reflow soldering footprint BAS516 (SOD523/SC-79)
1.5 (2
×)
2.9
5
1.2
(2
×)
2.75
sod323_fw
solder lands
solder resist
occupied area
preferred transport
direction during soldering
Dimensions in mm
solder lands
solder resist
occupied area
solder paste
Dimensions in mm
0.6
(2
×)
0.5
(2
×)
2.15
1.1
0.7
(2
×)
0.8
(2
×)
1.2
sod523_fr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20