Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSU102IST Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce TSU102IST
Description  Nanopower, rail-to-rail input and output, 5 V CMOS operational amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSU102IST Fiches technique(HTML) 3 Page - STMicroelectronics

  TSU102IST Datasheet HTML 1Page - STMicroelectronics TSU102IST Datasheet HTML 2Page - STMicroelectronics TSU102IST Datasheet HTML 3Page - STMicroelectronics TSU102IST Datasheet HTML 4Page - STMicroelectronics TSU102IST Datasheet HTML 5Page - STMicroelectronics TSU102IST Datasheet HTML 6Page - STMicroelectronics TSU102IST Datasheet HTML 7Page - STMicroelectronics TSU102IST Datasheet HTML 8Page - STMicroelectronics TSU102IST Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
DocID024317 Rev 2
3/33
TSU101, TSU102, TSU104
Package pin connections
33
1
Package pin connections
Figure 1. Pin connections for each package (top view)
SC70-5/SOT23-5 (TSU101)
SC70-5/SOT23-5 (TSU101R)
MiniSO8 (TSU102)
DFN8 2x2 (TSU102)
1
2
3
Out1
In1-
In1+
4
Vcc+
Out4
In4-
In4+
Vcc-
5
6
7
In2+
In2-
Out2
In3+
In3-
Out3
14
13
12
11
10
9
8
TSSOP14 (TSU104)
QFN16 3x3 (TSU104)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33