| Moteur de recherche de fiches techniques de composants électroniques |
|
BAS16 Fiches technique(PDF) 3 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BAS16 Fiches technique(HTML) 3 Page - NXP Semiconductors |
|
3 / 20 page ![]() BAS16_SER_5 © NXP B.V. 2008. All rights reserved. Product data sheet Rev. 05 — 25 August 2008 3 of 20 NXP Semiconductors BAS16 series High-speed switching diodes 3. Ordering information 4. Marking [1] * = -: made in Hong Kong * = p: made in Hong Kong * = t: made in Malaysia * = W: made in China Table 4. Ordering information Type number Package Name Description Version BAS16 - plastic surface-mounted package; 3 leads SOT23 BAS16H - plastic surface-mounted package; 2 leads SOD123F BAS16J SC-90 plastic surface-mounted package; 2 leads SOD323F BAS16L - leadless ultra small plastic package; 2 terminals; body 1.0 × 0.6 × 0.5 mm SOD882 BAS16T SC-75 plastic surface-mounted package; 3 leads SOT416 BAS16VV - plastic surface-mounted package; 6 leads SOT666 BAS16VY SC-88 plastic surface-mounted package; 6 leads SOT363 BAS16W SC-70 plastic surface-mounted package; 3 leads SOT323 BAS316 SC-76 plastic surface-mounted package; 2 leads SOD323 BAS516 SC-79 plastic surface-mounted package; 2 leads SOD523 Table 5. Marking codes Type number Marking code[1] BAS16 A6* BAS16H A1 BAS16J AR BAS16L S2 BAS16T A6 BAS16VV 53 BAS16VY 16* BAS16W A6* BAS316 A6 BAS516 6 |