Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS70H Fiches technique(PDF) 11 Page - NXP Semiconductors

No de pièce BAS70H
Description  General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS70H Fiches technique(HTML) 11 Page - NXP Semiconductors

Back Button BAS70H Datasheet HTML 7Page - NXP Semiconductors BAS70H Datasheet HTML 8Page - NXP Semiconductors BAS70H Datasheet HTML 9Page - NXP Semiconductors BAS70H Datasheet HTML 10Page - NXP Semiconductors BAS70H Datasheet HTML 11Page - NXP Semiconductors BAS70H Datasheet HTML 12Page - NXP Semiconductors BAS70H Datasheet HTML 13Page - NXP Semiconductors BAS70H Datasheet HTML 14Page - NXP Semiconductors BAS70H Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
BAS70_1PS7XSB70_SER_9
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 09 — 13 January 2010
11 of 20
NXP Semiconductors
BAS70 series; 1PS7xSB70 series
General-purpose Schottky diodes
10. Soldering
Dimensions in mm
Fig 14. Reflow soldering footprint SOD323 (SC-76)
Dimensions in mm
Fig 15. Wave soldering footprint SOD323 (SC-76)
Reflow soldering is the only recommended soldering method.
Dimensions in mm
Fig 16. Reflow soldering footprint SOD523 (SC-79)
msa433
1.65
0.50
(2
×)
2.10
1.60
2.80
0.60
3.05
0.50
0.95
solder lands
solder resist
occupied area
solder paste
msa415
1.40
4.40
5.00
1.20
2.75
preferred transport direction during soldering
solder lands
solder resist
occupied area
mgs343
1.80
1.90
0.30
0.40
0.50
1.20
0.60
2.15
solder lands
solder resist
occupied area
solder paste



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20