Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS70 Fiches technique(PDF) 16 Page - NXP Semiconductors

No de pièce BAS70
Description  General-purpose Schottky diodes in small Surface-Mounted Device (SMD) plastic packages.
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS70 Fiches technique(HTML) 16 Page - NXP Semiconductors

Back Button BAS70 Datasheet HTML 12Page - NXP Semiconductors BAS70 Datasheet HTML 13Page - NXP Semiconductors BAS70 Datasheet HTML 14Page - NXP Semiconductors BAS70 Datasheet HTML 15Page - NXP Semiconductors BAS70 Datasheet HTML 16Page - NXP Semiconductors BAS70 Datasheet HTML 17Page - NXP Semiconductors BAS70 Datasheet HTML 18Page - NXP Semiconductors BAS70 Datasheet HTML 19Page - NXP Semiconductors BAS70 Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
BAS70_1PS7XSB70_SER_9
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 09 — 13 January 2010
16 of 20
NXP Semiconductors
BAS70 series; 1PS7xSB70 series
General-purpose Schottky diodes
Dimensions in mm
Fig 25. Reflow soldering footprint SOT363 (SC-88)
Fig 26. Wave soldering footprint SOT363 (SC-88)
MSA432
solder lands
solder resist
occupied area
solder paste
1.20
2.40
0.50
(4
×)
0.40
(2
×)
0.90 2.10
0.50
(4
×)
0.60
(2
×)
2.35
2.65
sot363_fw
solder lands
solder resist
occupied area
preferred transport
direction during soldering
5.3
1.3
1.3
1.5
0.3
1.5
4.5
2.45
2.5
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20