Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN4291 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce AN4291
Description  STEVAL385LED4CH: four independent high brightness LED
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4291 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button AN4291 Datasheet HTML 35Page - STMicroelectronics AN4291 Datasheet HTML 36Page - STMicroelectronics AN4291 Datasheet HTML 37Page - STMicroelectronics AN4291 Datasheet HTML 38Page - STMicroelectronics AN4291 Datasheet HTML 39Page - STMicroelectronics AN4291 Datasheet HTML 40Page - STMicroelectronics AN4291 Datasheet HTML 41Page - STMicroelectronics AN4291 Datasheet HTML 42Page - STMicroelectronics AN4291 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
DocID024519 Rev 1
39/53
AN4291
Measurements
Figure 18. String efficiency based on different current levels - 6 LEDs for each string
Figure 19. String efficiency based on different current levels - 10 LEDs each string
8.3
Current regulation on input voltage
The following graphs show the current regulation in relation to the input power voltage. The
plots report the current on the "y" axis and the voltage on the "x" axis. The input power
voltage in every figure is the effective voltage range only for the number of LEDs selected.
90.0
91.0
92.0
93.0
94.0
95.0
96.0
97.0
12345
6 LED max.
6 LED mean
6 LED min.
AM16718v1
90.0
91.0
92.0
93.0
94.0
95.0
96.0
97.0
98.0
99.0
12345
10 LED max.
10 LED mean
10 LED min.
AM16719v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53