Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLBC01 Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce STLBC01
Description  Bluetooth low energy controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLBC01 Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button STLBC01 Datasheet HTML 29Page - STMicroelectronics STLBC01 Datasheet HTML 30Page - STMicroelectronics STLBC01 Datasheet HTML 31Page - STMicroelectronics STLBC01 Datasheet HTML 32Page - STMicroelectronics STLBC01 Datasheet HTML 33Page - STMicroelectronics STLBC01 Datasheet HTML 34Page - STMicroelectronics STLBC01 Datasheet HTML 35Page - STMicroelectronics STLBC01 Datasheet HTML 36Page - STMicroelectronics STLBC01 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
DocID022984 Rev 2
33/40
STLBC01
Vendor HCI commands
9.5
STBLC_POWER_MODE-CONFIGURATION
9.5.1
Command parameters for STBLC_POWER_MODE-CONFIGURATION
9.5.2
Return parameters for STBLC_POWER_MODE-CONFIGURATION
9.5.3
Returned events for STBLC_POWER_MODE-CONFIGURATION
Command complete event.
9.6
STBLC_SET_UART_BAUD_RATE
9.6.1
Command parameters for STBLC_SET_UART_BAUD_RATE
Table 25. Command parameters for STBLC_POWER_MODE-CONFIGURATION
Parameter
Size
Description
Sleep_Mode_Enable
1
0x00 = transition to BLE Sleep mode disabled
0x01 = transition to BLE Sleep mode enabled
0x02-0xFF = reserved
Table 26. Return parameters for STBLC_POWER_MODE-CONFIGURATION
Parameter
Size
Description
Status
1
Standard BT error codes
Table 27. Command parameters for STBLC_SET_UART_BAUD_RATE
Parameter
Size
Description
Baud_Rate
1
0x00 = 1 200 Bd
0x01 = 2 400 Bd
0x02 = 4 800 Bd
0x03 = 9 600 Bd
0x04 = 14 400 Bd
0x05 = 19 200 Bd
0x06 = 28 800 Bd
0x07 = 38 400 Bd
0x08 = 57 600 Bd
0x09 = 76 800 Bd
0x0A = 115 200 Bd
0x0B = 230 400 Bd
0x0C = 460 800 Bd
0x0D = 921 600 Bd
0x0E = 1 843 200 Bd
0x0F – 0xFF reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40