Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADT7301ARMZ Fiches technique(PDF) 13 Page - Analog Devices

No de pièce ADT7301ARMZ
Description  짹1째C Accurate, 13-Bit, Digital Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADT7301ARMZ Fiches technique(HTML) 13 Page - Analog Devices

Back Button ADT7301ARMZ Datasheet HTML 8Page - Analog Devices ADT7301ARMZ Datasheet HTML 9Page - Analog Devices ADT7301ARMZ Datasheet HTML 10Page - Analog Devices ADT7301ARMZ Datasheet HTML 11Page - Analog Devices ADT7301ARMZ Datasheet HTML 12Page - Analog Devices ADT7301ARMZ Datasheet HTML 13Page - Analog Devices ADT7301ARMZ Datasheet HTML 14Page - Analog Devices ADT7301ARMZ Datasheet HTML 15Page - Analog Devices ADT7301ARMZ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADT7301
Rev. B | Page 13 of 16
The following software program shows how to program a
PIC16F873 to communicate with the ADT7301. The
PIC16F873 is configured as an SPI master with the Port A.1 pin
used as CS. Any microchip microcontroller can use this
program by simply exchanging the include file for the device
that is being used.
#include <16F873.h>
#device adc = 8
#use delay(clock = 4000000)
#fuses NOWDT,XT, PUT, NOPROTECT, BROWNOUT, LVP
#BIT CKP = 0x14.4
#define CS PIN_A1
void main(){
int MSByte,LSByte;
long int ADC_Temp_Code;
float TempVal,ADC_Temp_Code_dec;
setup_spi(spi_master);
//Pic is set up as master device.
CKP = 1;
//Idle state of clock is high.
do{
delay_ms(10);
//Allow time for conversions.
Output_low(CS);
//Pull CS low.
delay_us(10);
//CS to SCLK set-up time.
MSByte = SPI_Read(0);
//The first byte is clocked in.
LSByte = SPI_Read(0);
//The second byte is clocked in.
delay_us(10);
//SCLK to CS set-up time.
Output_High(CS);
//Bring CS high.
ADC_Temp_Code = make16(MSByte,LSByte);
//16 bit ADC code is stored ADC_Temp_Code.
ADC_Temp_Code_dec = (float)ADC_Temp_Code;
//Convert to float for division.
if ((0x2000 & ADC_Temp_Code) == 0x2000)
//Check sign bit for negative value.
{
TempVal = (ADC_Temp_Code_dec - 16384)/32;
//Conversion formula if negative temperature.
}
else
{
TempVal = (ADC_Temp_Code_dec/32);
//Conversion formula if positive temperature.
}
}while(True);
//Temperature value stored in TempVal.
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16