Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431ACCT Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce TL431ACCT
Description  Programmable voltage reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431ACCT Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button TL431ACCT Datasheet HTML 12Page - STMicroelectronics TL431ACCT Datasheet HTML 13Page - STMicroelectronics TL431ACCT Datasheet HTML 14Page - STMicroelectronics TL431ACCT Datasheet HTML 15Page - STMicroelectronics TL431ACCT Datasheet HTML 16Page - STMicroelectronics TL431ACCT Datasheet HTML 17Page - STMicroelectronics TL431ACCT Datasheet HTML 18Page - STMicroelectronics TL431ACCT Datasheet HTML 19Page - STMicroelectronics TL431ACCT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Package mechanical data
TL431, TL432
16/21
Doc ID 4467 Rev 11
4.5
SOT23-5 package information
Figure 28.
SOT23-5 package mechanical drawing
Table 10.
SOT23-5 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.90
1.45
0.035
0.057
A1
0.15
0.006
A2
0.90
1.30
0.035
0.051
b
0.35
0.50
0.014
0.020
c
0.09
0.20
0.004
0.008
D
2.80
3.05
0.110
0.120
E
1.50
1.75
0.059
0.069
e
0.95
0.037
H
2.60
3.00
0.102
0.118
L
0.10
0.60
0.004
0.024
θ
0 degrees
10 degrees
7049676_I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21