| Moteur de recherche de fiches techniques de composants électroniques |
|
LMV820ILT Fiches technique(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LMV820ILT Fiches technique(HTML) 5 Page - STMicroelectronics |
|
5 / 32 page ![]() LMV82x, LMV82xA Absolute maximum ratings and operating conditions Doc ID 022467 Rev 3 5/32 Table 3. Operating conditions Symbol Parameter Value Unit Vcc Supply voltage 2.5 to 5.5 V Vicm Common mode input voltage range Vcc- - 0.2 to Vcc+ - 1 Toper Operating free air temperature range -40 to +125 °C |