Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL431ACD Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce TL431ACD
Description  Programmable voltage reference
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL431ACD Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button TL431ACD Datasheet HTML 11Page - STMicroelectronics TL431ACD Datasheet HTML 12Page - STMicroelectronics TL431ACD Datasheet HTML 13Page - STMicroelectronics TL431ACD Datasheet HTML 14Page - STMicroelectronics TL431ACD Datasheet HTML 15Page - STMicroelectronics TL431ACD Datasheet HTML 16Page - STMicroelectronics TL431ACD Datasheet HTML 17Page - STMicroelectronics TL431ACD Datasheet HTML 18Page - STMicroelectronics TL431ACD Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
TL431, TL432
Package mechanical data
Doc ID 4467 Rev 11
15/21
4.4
SOT23-3 package information
Figure 27.
SOT23-3 package mechanical drawing
Table 9.
SOT23-3 package mechanical data
Dimensions
Ref.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.89
1.12
0.035
0.044
A1
0.01
0.10
0.0004
0.004
A2
0.88
0.95
1.02
0.035
0.037
0.040
b
0.30
0.50
0.012
0.020
c
0.08
0.20
0.003
0.008
D
2.80
2.90
3.04
0.110
0.114
0.120
E
2.10
2.64
0.083
0.104
E1
1.20
1.30
1.40
0.047
0.051
0.055
e
0.95
0.037
e1
1.90
0.075
L
0.40
0.50
0.60
0.016
0.020
0.024
L1
0.54
0.021
k0d
8d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21