Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LSM303DLHTR Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce LSM303DLHTR
Description  Sensor module: 3-axis accelerometer and 3-axis magnetometer
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303DLHTR Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button LSM303DLHTR Datasheet HTML 18Page - STMicroelectronics LSM303DLHTR Datasheet HTML 19Page - STMicroelectronics LSM303DLHTR Datasheet HTML 20Page - STMicroelectronics LSM303DLHTR Datasheet HTML 21Page - STMicroelectronics LSM303DLHTR Datasheet HTML 22Page - STMicroelectronics LSM303DLHTR Datasheet HTML 23Page - STMicroelectronics LSM303DLHTR Datasheet HTML 24Page - STMicroelectronics LSM303DLHTR Datasheet HTML 25Page - STMicroelectronics LSM303DLHTR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
Application hints
LSM303DLH
22/47
Doc ID 16941 Rev 1
6.5
High current wiring effects
High current in wiring and printed circuit traces can be the cause of errors in magnetic field
measurements for compassing.
Conducto-generated magnetic fields add to earth’s magnetic field, creating errors in
compass heading computation.
Keep currents that are higher than 10 mA a few millimeters further away from the sensor IC.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47