Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6699D Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce L6699D
Description  Enhanced high voltage resonant controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6699D Fiches technique(HTML) 1 Page - STMicroelectronics

  L6699D Datasheet HTML 1Page - STMicroelectronics L6699D Datasheet HTML 2Page - STMicroelectronics L6699D Datasheet HTML 3Page - STMicroelectronics L6699D Datasheet HTML 4Page - STMicroelectronics L6699D Datasheet HTML 5Page - STMicroelectronics L6699D Datasheet HTML 6Page - STMicroelectronics L6699D Datasheet HTML 7Page - STMicroelectronics L6699D Datasheet HTML 8Page - STMicroelectronics L6699D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
This is information on a product in full production.
January 2013
Doc ID 022835 Rev 2
1/38
38
L6699
Enhanced high voltage resonant controller
Datasheet
− production data
Features
■ Symmetrical duty cycle, variable frequency
control of resonant half bridge
■ Self-adjusting adaptive deadtime
■ High-accuracy oscillator
■ 2-level OCP: frequency-shift and immediate
shutdown
■ Interface with PFC controller
■ Anti-capacitive-mode protection
■ Burst-mode operation at light load
■ Input for brownout protection or power-on/off
sequencing
■ “Safe-start” procedure prevents hard switching
at startup
■ 600 V rail compatible high-side gate driver with
integrated bootstrap diode and high dv/dt
immunity
■ -300/800 mA high-side and low-side gate
drivers with UVLO pull-down
■ SO16N package
Applications
■ SMPS for LCD TVs, desktop and AIO PCs,
servers, Telecom power
■ AC-DC adapter, open frame SMPS
Figure 1.
Block diagram
Table 1.
Device summary
Order codes
Package
Packing
L6699D
SO16N
Tube
L6699DTR
Tape and reel
www.st.com


Numéro de pièce similaire - L6699D

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L6699D STMICROELECTRONICS-L6699D Datasheet
960Kb / 38P
Enhanced high voltage resonant controller
January 2013 Rev 2
L6699DTR STMICROELECTRONICS-L6699DTR Datasheet
960Kb / 38P
Enhanced high voltage resonant controller
January 2013 Rev 2
More results

Description similaire - L6699D

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L6598 STMICROELECTRONICS-L6598 Datasheet
114Kb / 16P
HIGH VOLTAGE RESONANT CONTROLLER
Feb-2000
L6599 STMICROELECTRONICS-L6599 Datasheet
635Kb / 36P
High-voltage resonant controller
15-May-2006
L6598 STMICROELECTRONICS-L6598_04 Datasheet
249Kb / 17P
HIGH VOLTAGE RESONANT CONTROLLER
Jun-2004
L6599_0807 STMICROELECTRONICS-L6599_0807 Datasheet
636Kb / 36P
High-voltage resonant controller
18-Jul-2006
L6599DTR STMICROELECTRONICS-L6599DTR Datasheet
639Kb / 36P
High-voltage resonant controller
11-Feb-2009
E-L6598D013TR STMICROELECTRONICS-E-L6598D013TR Datasheet
367Kb / 24P
High voltage resonant controller
02-Oct-2009
L6599ATD STMICROELECTRONICS-L6599ATD Datasheet
864Kb / 31P
Improved high-voltage resonant controller
30-Oct-2009
L6599AN STMICROELECTRONICS-L6599AN Datasheet
1Mb / 35P
Improved high-voltage resonant controller
14-Jan-2013
L6699 STMICROELECTRONICS-L6699 Datasheet
960Kb / 38P
Enhanced high voltage resonant controller
January 2013 Rev 2
L6599AT STMICROELECTRONICS-L6599AT Datasheet
977Kb / 32P
Improved high voltage resonant controller
29-Jul-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38