Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PowerSSO-36 Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce PowerSSO-36
Description  Motor bridge driver for automotive applications
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PowerSSO-36 Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button PowerSSO-36 Datasheet HTML 30Page - STMicroelectronics PowerSSO-36 Datasheet HTML 31Page - STMicroelectronics PowerSSO-36 Datasheet HTML 32Page - STMicroelectronics PowerSSO-36 Datasheet HTML 33Page - STMicroelectronics PowerSSO-36 Datasheet HTML 34Page - STMicroelectronics PowerSSO-36 Datasheet HTML 35Page - STMicroelectronics PowerSSO-36 Datasheet HTML 36Page - STMicroelectronics PowerSSO-36 Datasheet HTML 37Page - STMicroelectronics PowerSSO-36 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 53 page
background image
4.3
Device memory map
4.3.1
Control and status (RAM) address map
4.3.2
Device (ROM) address map (access with OC0 and OC1 set to ‘1’)
Table 28. Control and status (RAM) address map
Name
Access
Address
Content
A5 A4 A3 A2 A1 A0
D7
D6
D5
D4
D3
D2
D1
D0
Stat Reg0 Read/ Clear
00
0000
DS_MON_3 DS_MON_2 DS_MON_1
DS_MON_0
0
0
OT_EXT
CP_LOW
Appl Reg1 Read/ Write
0
0
0001
RWD
FW_PAS
OFF_CAL
CLK_SPCTR
OVT
OV_UV_R
D
DIAG_1
DIAG_0
Appl Reg2 Read/ Write
0
0
0010
RWD
COPT_2
COPT_1
COPT_0
FW
MCSA
GCSA_1
GCSA_0
Appl Reg3 Read/ Write
0
0
0011
RWD
EXT_TS
EXTTH_5
EXTTH_4
EXTTH_3
EXTTH_2
EXTTH_1 EXTTH_0
Table 29. Device (ROM) address map (access with OC0 and OC1 set to ‘1’)
Name
Access
Address
Content
A5 A4 A3 A2 A1 A0
D7
D6
D5
D4
D3
D2
D1
D0
ID-Header
Read
device
0
0
0
0
0
0
FAM_1
FAM_0
NR_PI_5
NR_PI_4
NR_PI_3
NR_PI_2
NR_PI_1
NR_PI_0
Product Code 1
Read
device
0
0
0
0
0
1
PR_ID_7
PR_ID_6
PR_ID_5
PR_ID_4
PR_ID_3
PR_ID_2
PR_ID_1
PR_ID_0
Product Code 2
Read
device
0
0
0
0
1
0
PR_ID_15
PR_ID_14
PR_ID_13
PR_ID_12
PR_ID_11
PR_ID_10
PR_ID_9
PR_ID_8
SPI-Frame-ID
Read
device
0
0
0
0
1
1
BR
AR5
AR4
AR3
32 bits
24 bits
16 bits
8 bits
Reserved
Read
device
111
111
Reserved, accessing this address is recognized as a failure, the device enters a fail-safe state
(see Table 30: STK_RESET_Q).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53