| Moteur de recherche de fiches techniques de composants électroniques |
|
LP2985IM5-3.2/NOPB Fiches technique(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LP2985IM5-3.2/NOPB Fiches technique(HTML) 21 Page - Texas Instruments |
|
21 / 36 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 11-Apr-2013 Addendum-Page 7 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples LP2985IM5X-3.0/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L0OB LP2985IM5X-3.1 ACTIVE SOT-23 DBV 5 3000 TBD Call TI Call TI -40 to 125 L0PB LP2985IM5X-3.1/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L0PB LP2985IM5X-3.3 ACTIVE SOT-23 DBV 5 3000 TBD Call TI Call TI -40 to 125 L0RB LP2985IM5X-3.3/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) SN Level-1-260C-UNLIM -40 to 125 L0RB LP2985IM5X-3.6 ACTIVE SOT-23 DBV 5 3000 TBD Call TI Call TI -40 to 125 L0SB LP2985IM5X-3.6/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L0SB LP2985IM5X-3.8 ACTIVE SOT-23 DBV 5 3000 TBD Call TI Call TI -40 to 125 L0YB LP2985IM5X-3.8/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L0YB LP2985IM5X-4.0 ACTIVE SOT-23 DBV 5 3000 TBD Call TI Call TI -40 to 125 L0TB LP2985IM5X-4.0/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 L0TB LP2985IM5X-4.5 ACTIVE SOT-23 DBV 5 3000 TBD Call TI Call TI LA7B LP2985IM5X-4.5/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM LA7B LP2985IM5X-5.0 ACTIVE SOT-23 DBV 5 3000 TBD Call TI Call TI -40 to 125 L0UB LP2985IM5X-5.0/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) SN Level-1-260C-UNLIM -40 to 125 L0UB LP2985IM5X-5.7/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM LKTB LP2985IM5X-6.1 ACTIVE SOT-23 DBV 5 3000 TBD Call TI Call TI LF6B LP2985IM5X-6.1/NOPB ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM LF6B LP2985ITL-3.3/NOPB ACTIVE DSBGA YZR 5 250 Green (RoHS & no Sb/Br) SNAGCU Level-1-260C-UNLIM -40 to 125 5 |