Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCF4060 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce HCF4060
Description  14-stage ripple carry binary counter/divider and oscillator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4060 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button HCF4060_13 Datasheet HTML 7Page - STMicroelectronics HCF4060_13 Datasheet HTML 8Page - STMicroelectronics HCF4060_13 Datasheet HTML 9Page - STMicroelectronics HCF4060_13 Datasheet HTML 10Page - STMicroelectronics HCF4060_13 Datasheet HTML 11Page - STMicroelectronics HCF4060_13 Datasheet HTML 12Page - STMicroelectronics HCF4060_13 Datasheet HTML 13Page - STMicroelectronics HCF4060_13 Datasheet HTML 14Page - STMicroelectronics HCF4060_13 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Ordering information
HCF4060
14/15
DocID2055 Rev 6
5
Ordering information
6
Revision history
Table 9. Order codes
Order code
Temperature
range
Package
Packaging
Marking
HCF4060M013TR
-55/+125 °C
SO16
Tape and reel
HCF4060
HCF4060YM013TR(1)
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 and Q002 or equivalent.
-40/+125 °C
SO16
(automotive version)
HCF4060Y
HCF4060BEY
-55/+125 °C
PDIP16
Tube
HCF4066BE
Table 10. Document revision history
Date
Revision
Changes
29-Oct-2012
5
Updated Features (added ESD values), added Applications.
Updated Table 1 (reformatted table, added order codes, temperature
range, marking, updated package and packaging, added note 1.).
Moved Description to page 2, updated Description (unified part
numbers and package names).
Updated Section 2 to Section 4 (added titles and numbering).
Reformatted Section 4 (added ECOPACK text, Figure 8, Figure 9,
Table 7 and Table 8, unified package names).
Minor corrections throughout document.
02-May-2013
6
Updated Features (ESD values)
Added Ordering information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15