Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADMP621 Fiches technique(PDF) 14 Page - Analog Devices

No de pièce ADMP621
Description  Wide Dynamic Range Microphone with PDM Digital Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADMP621 Fiches technique(HTML) 14 Page - Analog Devices

Back Button ADMP621 Datasheet HTML 8Page - Analog Devices ADMP621 Datasheet HTML 9Page - Analog Devices ADMP621 Datasheet HTML 10Page - Analog Devices ADMP621 Datasheet HTML 11Page - Analog Devices ADMP621 Datasheet HTML 12Page - Analog Devices ADMP621 Datasheet HTML 13Page - Analog Devices ADMP621 Datasheet HTML 14Page - Analog Devices ADMP621 Datasheet HTML 15Page - Analog Devices ADMP621 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADMP621
Data Sheet
HANDLING INSTRUCTIONS
PICK-AND-PLACE EQUIPMENT
The MEMS microphone can be handled using standard pick-and-
place and chip shooting equipment. Take care to avoid damage to
the MEMS microphone structure as follows:
•
Use a standard pickup tool to handle the microphone.
Because the microphone hole is on the bottom of the
package, the pickup tool can make contact with any part
of the lid surface.
•
Do not pick up the microphone with a vacuum tool that
makes contact with the bottom side of the microphone.
Do not pull air out of or blow air into the microphone port.
•
Do not use excessive force to place the microphone on
the PCB.
REFLOW SOLDER
For best results, the soldering profile must be in accordance with
the recommendations of the manufacturer of the solder paste used
to attach the MEMS microphone to the PCB. It is recommended
that the solder reflow profile not exceed the limit conditions
specified in Figure 4 and Table 4.
BOARD WASH
When washing the PCB, ensure that water does not make contact
with the microphone port. Do not use blow off procedures or
ultrasonic cleaning.
Rev. 0 | Page 14 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16