| Moteur de recherche de fiches techniques de composants électroniques |
|
PLT10HH9016R0PN Fiches technique(PDF) 38 Page - Murata Manufacturing Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
PLT10HH9016R0PN Fiches technique(HTML) 38 Page - Murata Manufacturing Co., Ltd. |
|
38 / 40 page ![]() !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. C31E.pdf Mar.28,2011 185 Part Number No. Rated Current (mA) Rated Voltage (Vdc) Common Mode Impedance (at 100MHz, 20 degrees C) Quantity (pcs.) oEKEMDCC5C (Chip Common Mode Choke Coils for DC Power Line / SMD Block type EMIFILr for Power Line) DLW5AHN402SQ2 DLW5BSN191SQ2 DLW5BSN351SQ2 DLW5BSN102SQ2 DLW5BSN152SQ2 DLW5BSN302SQ2 DLW5BTN101SQ2 DLW5BTN251SQ2 DLW5BTN501SQ2 DLW5BTN102SQ2 DLW5BTN142SQ2 1 2 3 4 5 6 7 8 9 10 11 5 5 5 5 5 5 5 5 5 5 5 4000 Ω (Typ.) 190 Ω (Typ.) 350 Ω (Typ.) 1000 Ω (Typ.) 1500 Ω (Typ.) 3000 Ω (Typ.) 100 Ω (Typ.) 250 Ω (Typ.) 500 Ω (Typ.) 1000 Ω (Typ.) 1400 Ω (Typ.) 50 50 50 50 50 50 50 50 50 50 50 200 5000 2000 1500 1000 500 6000 5000 4000 2000 1500 Design Kits DLp Chip Common Mode Choke Coil |