Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HSMP-386F Fiches technique(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HSMP-386F
Description  Surface Mount PIN Diodes Matched Diodes for Consistent Performance
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMP-386F Fiches technique(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMP-386F Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMP-386F Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMP-386F Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMP-386F Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMP-386F Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMP-386F Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMP-386F Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMP-386F Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMP-386F Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PackageLeadCodeIdentification,
SOT-23,SOT-143
(TopView)
PackageLeadCodeIdentification,
SOT-323
(TopView)
COMMON
CATHODE
#4
COMMON
ANODE
#3
SERIES
#2
SINGLE
#0
COMMON
CATHODE
F
COMMON
ANODE
E
SERIES
C
SINGLE
B
PackageLeadCodeIdentification,
SOT-363
(TopView)
UNCONNECTED
TRIO
L
1
2
3
6
5
4
ElectricalSpecificationsT
C=25°C,eachdiode
PINGeneralPurposeDiodes,TypicalSpecificationsT
A=25°C
Package
Minimum
Typical
Typical
PartNumber
Marking
Lead
Breakdown
SeriesResistance
TotalCapacitance
HSMP-
Code
Code
Configuration
VoltageV
BR(V)
R
S(Ω)
C
T(pF)
3860
L0
0
Single
50
3.0/1.5*
0.20
3862
L2
2
Series
3863
L3
3
CommonAnode
3864
L4
4
CommonCathode
386B
L0
B
Single
386C
L2
C
Series
386E
L3
E
CommonAnode
386F
L4
F
CommonCathode
386L
LL
L
UnconnectedTrio
TestConditions
V
R=VBR
I
F=10mA
V
R=50V
Measure
f=100MHz
f=1MHz
I
R≤10µA
I
F=100mA*
AbsoluteMaximumRatings[1]T
C=+25°C
Symbol
Parameter
Unit
SOT-23
SOT-323
I
f
ForwardCurrent(1µsPulse)
Amp
1
1
P
IV
PeakInverseVoltage
V
50
50
T
j
JunctionTemperature
°C
150
150
T
stg
StorageTemperature
°C
-65to150
-65to150
q
jc
ThermalResistance[2]
°C/W
500
150
Notes:
1. Operationinexcessofanyoneoftheseconditionsmayresultinpermanentdamagetothedevice.
2. T
C=+25°C,whereTCisdefinedtobethetemperatureatthepackagepinswherecontactismadeto
thecircuitboard.
ESD WARNING:
HandlingPrecautionsShouldBeTakenToAvoid
StaticDischarge.
RING
QUAD
#7
1
3
2
4
UNDER DEVELOPMENT



Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com