Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-3101 Fiches technique(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-3101
Description  Power MOSFET/IGBT Gate Drive Optocouplers Uninterruptable power supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-3101 Fiches technique(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-3101 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-3101 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Ordering Information
HCPL-3100 and HCPL-3101 are UL Recognized with 5000 Vrms for 1 minute per UL1577.
Option
Part
Surface
Gull
Tape
Number
RoHS Compliant
Package
Mount
Wing
& Reel
Quantity
HCPL-3100
-000E
300 mil DIP-8
50 per tube
HCPL-3101
-300E
X
X
50 per tube
-500E
X
X
X
1000 per reel
To order, choose a part number from the part number column and combine with the desired option from the option
column to form an order entry.
Example 1:
HCPL-3100-500E to order product of 300 mil DIP Gull Wing Surface Mount package in Tape and Reel packaging and
RoHS compliant.
Example 2:
HCPL-3101-000E to order product of 300 mil DIP package in Tube packaging and RoHS compliant.
Option datasheets are available. Contact your Avago sales representative or authorized distributor for information.
Remarks: The notation ‘#XXX’ is used for existing products, while (new) products launched since July 15, 2001 and
RoHS compliant will use ‘–XXXE.’
Schematic
ANODE
CATHODE
1
2
–
+
IF
I
CC
8
7
6
5
GND
VCC
VO2
VO1
IO2
Q2
Q1
HCPL-3100
THE USE OF A 0.1
µF BYPASS CAPACITOR CONNECTED BETWEEN PINS 8 AND 7
IS RECOMMENDED. ALSO CURRENT LIMITING RESISTOR IS RECOMMENDED
(SEE FIGURE 1, AND NOTE 2 AND NOTE 7).
IO1
ANODE
CATHODE
2
–
+
IF
I
CC
8
7
6
5
GND
VCC
VO2
VO1
Q2
Q1
HCPL-3101
IO2
IO1
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14