Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RT9715FPB Fiches technique(PDF) 2 Page - Richtek Technology Corporation

No de pièce RT9715FPB
Description  Operating Range : 2.7V to 5.5V, Reverse Blocking Current
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICHTEK [Richtek Technology Corporation]
Site Internet  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9715FPB Fiches technique(HTML) 2 Page - Richtek Technology Corporation

  RT9715FPB Datasheet HTML 1Page - Richtek Technology Corporation RT9715FPB Datasheet HTML 2Page - Richtek Technology Corporation RT9715FPB Datasheet HTML 3Page - Richtek Technology Corporation RT9715FPB Datasheet HTML 4Page - Richtek Technology Corporation RT9715FPB Datasheet HTML 5Page - Richtek Technology Corporation RT9715FPB Datasheet HTML 6Page - Richtek Technology Corporation RT9715FPB Datasheet HTML 7Page - Richtek Technology Corporation RT9715FPB Datasheet HTML 8Page - Richtek Technology Corporation RT9715FPB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT9715
2
DS9715-03 April 2011
www.richtek.com
Function Block Diagram
Pin No.
SOT-23-5
SOT-23-5
(G-Type)
SOT-23-5
(R-Type)
SOP-8 /
MSOP-8
WDFN-8L
3X3
Pin Name
Pin Function
1
1
5
6 , 7 , 8
6 , 7 , 8
VOUT
Output Voltage.
2
2
2
1
1
GND
Ground.
3
--
1
5
5
FLG
Fault FLAG Output.
4
4
3
4
4
EN/EN
Chip Enable (Active High/Low).
5
5
4
2 , 3
2 , 3
VIN
Power Input Voltage.
--
3
--
--
--
NC
No Internal Connection.
--
--
--
--
9 (Exposed
Pad)
The exposed pad must be soldered to a large
PCB and connected to GND for maximum
power dissipation.
Functional Pin Description
Typical Application Circuit
Note :
A low-ESR 150uF aluminum electrolytic or tantalum between VOUT and GND is strongly recommended to meet
the 330mV maximum droop requirement in the hub VBUS. (see Application Information Section for further details)
Supply Voltage
2.7V to 5.5V
VIN
VOUT
GND
RT9715
Over -Current
VBUS
D+
D-
GND
USB Controller
1uF
150uF
10uF
Pull-Up Resistor (10K to 100K)
Ferrite
Beads
Data
FLG
EN/EN
CIN
COUT
RT9715B/D/F/H
Chip Enable
RT9715A/C/E/G
Chip Enable
Gate
Control
Output Voltage
Detection
Delay
Oscillator
UVLO
Charge
Pump
Bias
Thermal
Protection
Current
Limiting
VOUT
VIN
GND
EN/EN
FLG
Auto Discharge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com