Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8555ACPZ-R21 Fiches technique(PDF) 6 Page - Analog Devices

No de pièce AD8555ACPZ-R21
Description  Zero-Drift, Digitally Programmable Sensor Signal Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8555ACPZ-R21 Fiches technique(HTML) 6 Page - Analog Devices

Back Button AD8555ACPZ-R21 Datasheet HTML 2Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 3Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 4Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 5Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 6Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 7Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 8Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 9Page - Analog Devices AD8555ACPZ-R21 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD8555
Rev. A | Page 6 of 28
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DIGITAL INTERFACE
Input Current
2
μA
DIGIN Pulse Width to Load 0
tw0
TA = 25°C
0.05
10
μs
DIGIN Pulse Width to Load 1
tw1
TA = 25°C
50
μs
Time between Pulses at DIGIN
tws
TA = 25°C
10
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28