| Moteur de recherche de fiches techniques de composants électroniques |
|
LM201ADT Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM201ADT Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 11 page ![]() LM101A - LM201A - LM301A 2/11 SCHEMATIC DIAGRAM ABSOLUTE MAXIMUM RATINGS Symbol Parameter LM101A LM201A LM301A Unit VCC Supply voltage ±22 V Vi Input Voltage ±15 V Vid Differential Input Voltage ±30 V Ptot Power Dissipation N Suffix D Suffix 500 300 mW Output Short-circuit Duration Infinite Toper Opearting Free-air Temperature Range -55 to +125 -40 to +105 0 to +70 °C Tstg Storage Temperature Range -65 to +150 °C |