Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

JS28F256P33BFE Fiches technique(PDF) 88 Page - Micron Technology

No de pièce JS28F256P33BFE
Description  NumonyxTM StrataFlash Embedded Memory
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICRON [Micron Technology]
Site Internet  http://www.micron.com
Logo MICRON - Micron Technology

JS28F256P33BFE Fiches technique(HTML) 88 Page - Micron Technology

Back Button JS28F256P33BFE Datasheet HTML 82Page - Micron Technology JS28F256P33BFE Datasheet HTML 83Page - Micron Technology JS28F256P33BFE Datasheet HTML 84Page - Micron Technology JS28F256P33BFE Datasheet HTML 85Page - Micron Technology JS28F256P33BFE Datasheet HTML 86Page - Micron Technology JS28F256P33BFE Datasheet HTML 87Page - Micron Technology JS28F256P33BFE Datasheet HTML 88Page - Micron Technology JS28F256P33BFE Datasheet HTML 89Page - Micron Technology JS28F256P33BFE Datasheet HTML 90Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 88 / 90 page
background image
P33-65nm
Datasheet
Aug 2009
88
Order Number: 320003-08
Main block :
An array block that is usually used to store code and/or data. Main blocks are larger
than parameter blocks.
Parameter block :
An array block that may be used to store frequently changing data or small system
parameters that traditionally would be stored in EEPROM.
Top parameter device :
A device with its parameter blocks located at the highest physical address of its
memory map.
Bottom parameter device :
A device with its parameter blocks located at the lowest physical address of its
memory map.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90