Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

250R120-R2 Fiches technique(PDF) 5 Page - Littelfuse

No de pièce 250R120-R2
Description  Fast time - to - trip Access equipment Lan/Wan equipment
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

250R120-R2 Fiches technique(HTML) 5 Page - Littelfuse

  250R120-R2 Datasheet HTML 1Page - Littelfuse 250R120-R2 Datasheet HTML 2Page - Littelfuse 250R120-R2 Datasheet HTML 3Page - Littelfuse 250R120-R2 Datasheet HTML 4Page - Littelfuse 250R120-R2 Datasheet HTML 5Page - Littelfuse 250R120-R2 Datasheet HTML 6Page - Littelfuse 250R120-R2 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
101
Revised: August 31, 2011
POLY-FUSE® Resettable PTCs
© 2011 Littelfuse, Inc
250R Series
Radial Leaded > 250R Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/250R.html for current information.
Part Marking System
250
080
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
250
120
XXXX
Dimensions
B
B
C
A
A
E
D
C
E
D
F
F
Figure 2
Figure 1
Part Number
Figure
A
B
C
D
E
Physical Characteristics
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Lead (dia)
Material
Max.
Max.
Max.
Max.
Max.
Max.
Min.
Min.
Typ.
Typ.
Inches
mm
250R080
1
0.23
5.8
0.39
9.9
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R080T
1
0.23
5.8
0.39
9.9
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R120
2
0.26
6.5
0.43
11
0.15
3.8
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R120-RA
2
0.26
6.5
0.43
11
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R120-RC
2
0.26
6.5
0.43
11
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R120-RF
2
0.26
6.5
0.43
11
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R120-R1
2
0.26
6.5
0.43
11
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R120-R2
2
0.26
6.5
0.43
11
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R120-R3
2
0.26
6.5
0.43
11
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R120T
2
0.26
6.5
0.43
11
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R145
2
0.26
6.5
0.43
11
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R145-RA
2
0.26
6.5
0.43
11
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R145-RB
2
0.26
6.5
0.43
11
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R145T
2
0.26
6.5
0.43
11
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R180
1
0.37
9.5
0.47
12
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R180T
1
0.37
9.5
0.47
12
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu



Html Pages

1 2 3 4 5 6 7