Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV23 Fiches technique(PDF) 3 Page - Diodes Incorporated

No de pièce BAV23
Description  DUAL SURFACE MOUNT SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV23 Fiches technique(HTML) 3 Page - Diodes Incorporated

  BAV23 Datasheet HTML 1Page - Diodes Incorporated BAV23 Datasheet HTML 2Page - Diodes Incorporated BAV23 Datasheet HTML 3Page - Diodes Incorporated BAV23 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BAV23
Document number: DS31756 Rev. 3 - 2
3 of 4
www.diodes.com
June 2011
© Diodes Incorporated
BAV23
0.1
1
10
100
1,000
10,000
100,000
0
50
100
150
200
250
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics, Per Element
R
T = -55ºC
A
T = 25ºC
A
T = 85ºC
A
T = 125ºC
A
T = 150ºC
A
V , DC REVERSE VOLTAGE (V)
Fig. 4 Typical Total Capacitance
vs. Reverse Voltage, Per Element
R
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0
5
10
15
20
25
30
35
40
Package Outline Dimensions
Suggested Pad Layout
SOT143
Dim
Min
Max
A1
0.37
0.51
A2
0.77
0.93
B
1.20
1.40
C
2.28
2.48
D
1.58
1.83
F
0.45
0.60
G
1.78
2.03
H
2.80
3.00
J
0.013
1.00
K
0.89
0.10
L
0.46
0.60
M
0.085
0.18
All Dimensions in mm
Dimensions
Value (in mm)
Z
2.70
G
1.30
X
2.50
X1
1.0
X2
0.60
Y
0.70
C
2.0
A2
J
L
M
B
C
A1
K
H
G
D
F
X1
X2
G
Z
Y
C
X
X2



Html Pages

1 2 3 4