| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC16F1503 Fiches technique(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1503 Fiches technique(HTML) 9 Page - Microchip Technology |
|
9 / 340 page ![]() 2011 Microchip Technology Inc. Preliminary DS41607A-page 9 PIC16(L)F1503 1.0 DEVICE OVERVIEW The PIC16(L)F1503 are described within this data sheet. They are available in 14 pin packages. Figure 1-1 shows a block diagram of the PIC16(L)F1503 devices. Tables 1-2 shows the pinout descriptions. Reference Table 1-1 for peripherals available per device. TABLE 1-1: DEVICE PERIPHERAL SUMMARY Peripheral Analog-to-Digital Converter (ADC) ●● Complementary Wave Generator (CWG) ●● Digital-to-Analog Converter (DAC) ●● Fixed Voltage Reference (FVR) ●● Numerically Controlled Oscillator (NCO) ●● Temperature Indicator ●● Comparators C1 ●● C2 ●● Configurable Logic Cell (CLC) CLC1 ●● CLC2 ●● Master Synchronous Serial Ports MSSP1 ●● PWM Modules PWM1 ●● PWM2 ●● PWM3 ●● PWM4 ●● Timers Timer0 ●● Timer1 ●● Timer2 ●● |