| Moteur de recherche de fiches techniques de composants électroniques |
|
PL08 Fiches technique(PDF) 6 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
PL08 Fiches technique(HTML) 6 Page - Omron Electronics LLC |
|
6 / 28 page ![]() General-purpose Relays and Power Relays Sockets 243 ■ Models Used with Sockets ■ Models Used with Hold-down Clips Square Sockets Note: Pin numbers 08, 11, or 14 apply to @. Round Sockets Note: 1. 8PFA(I), 11PFA, and 14PFA has hooks that can hold a Relay. 2. PL15, PL20, PF202, and Sockets that are not listed in the above table should be mounted to a panel after opening mounting holes on the panel. 3. A Hold-down Clip for PF085A is sold together with Relays that can be used with PF085A. Group Model Pin No. Socket Front-connecting Back-connecting MY(K) MY2 8 PYF PY MY3 11 MY4, MY2K 14 LY LY1, LY2 8 PTF PT LY3 11 LY4 14 G2A(K) G2A, G2A-434, G2AK 14 PYF PY MK(K) MK2P 8 PF083A(-E) PL MK3P, MK2KP 11 PF113A(-E) MM(K) MM2(X)P 8 8PFA MM3P, MM2(X)KP 11 PFA MM3XP, MM3(X)KP, MM4(X)P, MM4(X)KP 14 G4Q --- 8 8PFA1 G7L G7L- @A-T(J) 6 P7LF --- Item PYF @A(-E, -N), PTF@A(-E) PY @(QN), PT@(QN) PY @-02, PT@-0 MY( ), MY( )N, MY( )N-D2, MY( )N-CR, MY2K, LY( ), LY( )N, G3H, G3F, G3FD, G3FM PYC-A1 PYC-P, PYC-S PYC-P MY4IN PYC-P, PYC-P2 PYC-P, PYC-P2 MY2IN PYC-E1 PYC-P2 PYC-P2 LY( )-CR Y92H-3 PYC-1 PYC-1 G2A(K) Series PYC-A2 PYC-2, PYC-3, PYC-5 PYC-3, PYC-5 Item PF083A, PF113A PL08(-Q), PL11(-Q) PLE08-0, PLE11-0 MK2P Series, MK2KP, MK3P @ (-US), G3B PFC-A1 PLC PLC-10 MK3ZP, MK3LP PLC-1 MYA-NA1, -NB1, MYA-LA1, -LB1, MYA-NA2, -NB2 MYA-LA2, -LB2 PFC-A6 PLC-7 --- MYA-LA12, -LB12 PFC-A7 PLC-8 --- |