Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8574T/3 Fiches technique(PDF) 12 Page - NXP Semiconductors

No de pièce PCF8574T/3
Description  Remote 8-bit I/O expander for I2C-bus with interrupt
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8574T/3 Fiches technique(HTML) 12 Page - NXP Semiconductors

Back Button PCF8574T/3 Datasheet HTML 8Page - NXP Semiconductors PCF8574T/3 Datasheet HTML 9Page - NXP Semiconductors PCF8574T/3 Datasheet HTML 10Page - NXP Semiconductors PCF8574T/3 Datasheet HTML 11Page - NXP Semiconductors PCF8574T/3 Datasheet HTML 12Page - NXP Semiconductors PCF8574T/3 Datasheet HTML 13Page - NXP Semiconductors PCF8574T/3 Datasheet HTML 14Page - NXP Semiconductors PCF8574T/3 Datasheet HTML 15Page - NXP Semiconductors PCF8574T/3 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
PCF8574_PCF8574A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 5 — 27 May 2013
12 of 33
NXP Semiconductors
PCF8574; PCF8574A
Remote 8-bit I/O expander for I2C-bus with interrupt
9.3 Acknowledge
The number of data bytes transferred between the START and the STOP conditions from
transmitter to receiver is not limited. Each byte of eight bits is followed by one
acknowledge bit (see Figure 14). The acknowledge bit is an active LOW level (generated
by the receiving device) that indicates to the transmitter that the data transfer was
successful.
A slave receiver which is addressed must generate an acknowledge after the reception of
each byte. Also a master must generate an acknowledge after the reception of each byte
that has been clocked out of the slave transmitter. The device that wants to issue an
acknowledge bit has to pull down the SDA line during the acknowledge clock pulse, so
that the SDA line is stable LOW during the HIGH period of the acknowledge bit related
clock pulse; set-up and hold times must be taken into account.
A master receiver must signal an end of data to the transmitter by not generating an
acknowledge on the last byte that has been clocked out of the slave. In this event, the
transmitter must leave the data line HIGH to enable the master to generate a STOP
condition.
Fig 13. System configuration
002aaa966
MASTER
TRANSMITTER/
RECEIVER
SLAVE
RECEIVER
SLAVE
TRANSMITTER/
RECEIVER
MASTER
TRANSMITTER
MASTER
TRANSMITTER/
RECEIVER
SDA
SCL
I2C-BUS
MULTIPLEXER
SLAVE
Fig 14. Acknowledgement on the I2C-bus
002aaa987
S
START
condition
9
8
2
1
clock pulse for
acknowledgement
not acknowledge
acknowledge
data output
by transmitter
data output
by receiver
SCL from master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33