Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8S003K3U6 Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce STM8S003K3U6
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3U6 Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button STM8S003K3U6 Datasheet HTML 41Page - STMicroelectronics STM8S003K3U6 Datasheet HTML 42Page - STMicroelectronics STM8S003K3U6 Datasheet HTML 43Page - STMicroelectronics STM8S003K3U6 Datasheet HTML 44Page - STMicroelectronics STM8S003K3U6 Datasheet HTML 45Page - STMicroelectronics STM8S003K3U6 Datasheet HTML 46Page - STMicroelectronics STM8S003K3U6 Datasheet HTML 47Page - STMicroelectronics STM8S003K3U6 Datasheet HTML 48Page - STMicroelectronics STM8S003K3U6 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 100 page
background image
Description
Option byte no.
Reserved
AFR1 Alternate function remapping option 1
(2)
0: AFR1 remapping option inactive: Default alternate
functions
(1).
1: Port A3 alternate function = SPI_NSS; port D2
alternate function = TIM2_CH3.
AFR0 Alternate function remapping option 0
(2)
0: AFR0 remapping option inactive: Default alternate
functions
(1).
1: Port C5 alternate function = TIM2_CH1; port C6
alternate function = TIM1_CH1; port C7 alternate
function = TIM1_CH2.
(1) Refer to pinout description.
(2) Do not use more than one remapping option in the same port. It is forbidden to enable
both AFR1 and AFR0.
45/100
DocID018576 Rev 3
Option bytes
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100