| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8S003F3T6 Fiches technique(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S003F3T6 Fiches technique(HTML) 40 Page - STMicroelectronics |
|
40 / 100 page ![]() Vector address Wakeup from active-halt mode Wakeup from halt mode Description Source block IRQ no. 0x00 8064 - - TIM4 update/ overflow TIM4 23 0x00 8068 - - EOP/WR_PG_DIS Flash 24 0x00 806C to 0x00 807C Reserved (1) Except PA1 DocID018576 Rev 3 40/100 STM8S003K3 STM8S003F3 Interrupt vector mapping |