Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8S003K3T6 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STM8S003K3T6
Description  Value line, 16 MHz STM8S 8-bit MCU, 8 Kbytes Flash, 128 bytes data EEPROM, 10-bit ADC, 3 timers, UART, SPI, I²C
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S003K3T6 Fiches technique(HTML) 5 Page - STMicroelectronics

  STM8S003K3T6 Datasheet HTML 1Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 2Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 3Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 4Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 5Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 6Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 7Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 8Page - STMicroelectronics STM8S003K3T6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 100 page
background image
Table 48. EMI data .................................................................................................................................86
Table 49. ESD absolute maximum ratings .............................................................................................87
Table 50. Electrical sensitivities .............................................................................................................88
Table 51. 32-pin low profile quad flat package mechanical data ............................................................89
Table 52. 20-pin, 4.40 mm body, 0.65 mm pitch mechanical data .........................................................91
Table 53. 20-lead ultra thin fine pitch quad flat no-lead package (3x3) mechanical data ......................92
Table 54. Thermal characteristics ..........................................................................................................94
Table 55. Document revision history ......................................................................................................99
5/100
DocID018576 Rev 3
List of tables
STM8S003K3 STM8S003F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100