Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA381BW Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce STA381BW
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BW Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button STA381BW Datasheet HTML 33Page - STMicroelectronics STA381BW Datasheet HTML 34Page - STMicroelectronics STA381BW Datasheet HTML 35Page - STMicroelectronics STA381BW Datasheet HTML 36Page - STMicroelectronics STA381BW Datasheet HTML 37Page - STMicroelectronics STA381BW Datasheet HTML 38Page - STMicroelectronics STA381BW Datasheet HTML 39Page - STMicroelectronics STA381BW Datasheet HTML 40Page - STMicroelectronics STA381BW Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 174 page
background image
DocID018835 Rev 8
37/174
STA381BW
Device overview
4.3.7
Offset
The offset is a user-selectable gain or volume control. When using the STC it is advised to
use the offset to tune the output volume instead of the regular volume controls. The offset is
located before the attenuator block, ensuring that the output power limit (limiter threshold) is
never exceeded (Figure 14). On the other side, the traditional volume control is located after
the STC attenuator, thus a wrong setting of this control could nullify the STC effect.
Each sub-band has its own and independent offset. Its range is [0, +48] dB with a 0.25 dB
step (Table 12).
Figure 14. Offset effect
4.3.8
Stereo link
The stereo link feature allows applying the same attenuation to the corresponding band of
each channel (i.e. band 0 left channel and band 0 right or band 1 left channel and band 1
right channel). This should help to prevent image shifting that could occur when individually
compressing each channel and causing a volume mismatch between left and right.
When the stereo link is active, the proper attenuation for each band is independently
computed, then the highest one for each band is applied (Figure 15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More