| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7LITE25F2 Fiches technique(PDF) 164 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITE25F2 Fiches technique(HTML) 164 Page - STMicroelectronics |
|
164 / 166 page ![]() Revision history ST7LITE20F2 ST7LITE25F2 ST7LITE29F2 164/166 Doc ID 8349 Rev 5 07-Jul-2006 4 Added 300K read/write cycles for EEPROM on first page Updated Section 4.4 on page 21 and modified note 5 and Figure 5 Added note 2 in External interrupt control register (EICR) on page 41 and changed External interrupt function on page 63 Modified read operation section in Memory access on page 24 Added note to Section 7.1 on page 33 Modified one note in Section 7.1 on page 33 Modified Table on page 37 Added note on illegal opcode reset to Section 7.5.1 on page 38 Added note to Section 7.6.1 on page 40 Changed note below Figure 8 on page 26 and the last paragraph of Access error handling on page 26 In Section 11.2.6 on page 79, modified description of OE bits in the PWMCR register (added “after an overflow event”). Added important note to Section on page 94 Changed Section 13.2.1 on page 117 (fOSC or fCLKIN replaced by fCPU and frequency values changed accordingly) Added note 1 and modified note 3 in Section on page 113 and Section on page 122 and changed table titles Added Crystal and Ceramic Resonator Oscillators on page 120 Changed IS value and note 2 in Section 12.7.1 on page 127 Updated Section 14.2 on page 149 Added note to Figure 67 on page 134 Changed notes 1 and 2 to Table 89 on page 144 and added RthJA value for DIP20 package Changed Figure 84, Figure 85 on page 140 (and notes) and removed EMC protection circuitry in Figure 85 on page 140 (device works correctly without these components) Added note 2 to opt 4 (option byte 2) in Section 15.1 on page 150 Modified Section 14.2 on page 149 Changed Section 15.3 on page 156 Added Section 16.7 on page 162 Changed LTICR reset value in Table 3 on page 18 Modified “caution” in Section 8.2 on page 46 Replaced bit1 by bit2 for AWUF bit in AWUCSR description in Section 9.6.1 on page 61 Modified Section on page 63 Changed order of Section and Section on page 87 and removed two paragraphs before Section 11.3.4 on page 87 Added note 3 to Section 13.3.2 on page 121 Modified Section 12.9 on page 137: changed th(MO) and tv(MO), as well as tsu(SS) and th (SS) values and added note 4. The change made to tsu(SS) and th (SS) values applies from silicon rev B of this product. Changed tw(JIT) value in Section on page 113 and Section on page 122 Added note to Section 12.4.2 on page 120 Changed LTCSR2 reset value in Section 11.3.6 on page 88 Modified Figure 84 and Figure 85 on page 140 Added note 1 to the max column in table on page 144 and modified the content of this note. Table 101. Revision history (continued) Date Revision Description of changes |