| Moteur de recherche de fiches techniques de composants électroniques |
|
ST7LITE25F2 Fiches technique(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST7LITE25F2 Fiches technique(HTML) 54 Page - STMicroelectronics |
|
54 / 166 page ![]() Power saving modes ST7LITE20F2 ST7LITE25F2 ST7LITE29F2 54/166 Doc ID 8349 Rev 5 Figure 23. WAIT mode flowchart 1. Before servicing an interrupt, the CC register is pushed on the stack. The I bit of the CC register is set during the interrupt routine and cleared when the CC register is popped. 9.4 HALT mode The HALT mode is the lowest power consumption mode of the MCU. It is entered by executing the "HALT” instruction when ACTIVVE-HALT is disabled (see Section 9.5: ACTIVE-HALT mode for more details) and when the AWUEN bit in the AWUCSR register is cleared. The MCU can exit HALT mode on reception of either a specific interrupt (see Table 12: Interrupt mapping) or a reset. When exiting HALT mode by means of a reset or an interrupt, the oscillator is immediately turned on and the 256 or 4096 CPU cycle delay is used to stabilize the oscillator. After the startup delay, the CPU resumes operation by servicing the interrupt or by fetching the reset vector which woke it up (see Figure 25: HALT mode flowchart). When entering HALT mode, the I bit in the CC register is forced to 0 to enable interrupts. Therefore, if an interrupt is pending, the MCU wakes up immediately. In HALT mode, the main oscillator is turned off causing all internal processing to be stopped, including the operation of the on-chip peripherals. All peripherals are not clocked except the WFI INSTRUCTION RESET INTERRUPT Y N N Y CPU OSCILLATOR PERIPHERALS IBIT ON ON 0 OFF Fetch reset vector or service interrupt CPU OSCILLATOR PERIPHERALS IBIT ON OFF 0 ON CPU OSCILLATOR PERIPHERALS IBIT ON ON X(1) ON cycle delay 256 or 4096 CPU clock |