Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST7LITE20F2 Fiches technique(PDF) 55 Page - STMicroelectronics

No de pièce ST7LITE20F2
Description  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, Timers, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE20F2 Fiches technique(HTML) 55 Page - STMicroelectronics

Back Button ST7LITE20F2 Datasheet HTML 51Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 52Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 53Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 54Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 55Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 56Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 57Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 58Page - STMicroelectronics ST7LITE20F2 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 166 page
background image
ST7LITE20F2 ST7LITE25F2 ST7LITE29F2
Power saving modes
Doc ID 8349 Rev 5
55/166
ones which get their clock supply from another clock generator (such as an external or
auxiliary oscillator).
The compatibility of Watchdog operation with HALT mode is configured by the “WDGHALT”
option bit of the option byte. The HALT instruction when executed while the Watchdog
system is enabled, can generate a Watchdog RESET (see Section 15.1: Option bytes for
more details).
Figure 24. HALT timing overview
HALT
Run
Run
256 or 4096 CPU
cycle delay
Reset
or
interrupt
HALT
instruction
Fetch
vector
[ACTIVE-HALT disabled]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More