| Moteur de recherche de fiches techniques de composants électroniques |
|
L9952XP Fiches technique(PDF) 60 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9952XP Fiches technique(HTML) 60 Page - STMicroelectronics |
|
60 / 68 page ![]() SPI control and status registers L9952GXP 60/68 Doc ID 13518 Rev 5 Table 51. Configuration bit ICxx Name/state Definition/function IC(1..4)1 IC(1..4)0 Selects the filter configuration for the Wakeup Inputs WU1 to 4 IC11 0 0 Filter with 64 us Filter time (static sense) IC21 0 1 Enable Filter after 80 us with a Filter time of 16 us (cyclic sensing), timer2 IC31 1 0 Enable Filter after 800 us with a Filter time of 16 us (cyclic sensing), timer2 IC41 1 1 Enable Filter after 800 us with a Filter time of 16 us (cyclic sensing), timer1 Table 52. Configuration bit LIN slope, LS_ovuv and ICMP Name/state Definition/function LIN slope Change LIN slope 0 High slew rate (default) 1 Low slew rate LS_ovuv Vs Over / Under voltage shutdown of REL1,2 (low side drivers) 0 Enable (default): REL1,2 turned Off in case of Vs Over/Undervoltage 1 Disable : REL1,2 remain On in case of Vs Over/Undervoltage ICMP Current supervision of V1 regulator in V1-standby mode. 0 Enable (default) 1 Disable RES Reserved |