Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1SS400CS Fiches technique(PDF) 4 Page - Rohm

No de pièce 1SS400CS
Description  Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ROHM [Rohm]
Site Internet  http://www.rohm.com
Logo ROHM - Rohm

1SS400CS Fiches technique(HTML) 4 Page - Rohm

  1SS400CS Datasheet HTML 1Page - Rohm 1SS400CS Datasheet HTML 2Page - Rohm 1SS400CS Datasheet HTML 3Page - Rohm 1SS400CS Datasheet HTML 4Page - Rohm 1SS400CS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
1SS400CS
 
0
0.05
0.1
0.15
0.2
0.25
0.3
0
25
50
75
100
125
150
0
0.001
0.002
0.003
0
20
40
60
80
100
120
0
0.1
0.2
0.3
0
0.05
0.1
0.15
0.2
AVERAGE RECTIFIED
FORWARD CURRENT:Io(A)
Io-Pf CHARACTERISTICS
Sin(θ=180)
D=1/2
DC
REVERSE VOLTAGE:VR(V)
VR-PR CHARACTERISTICS
D=1/2
DC
Sin(θ=180)
CASE TEMPARATURE:Ta(°C)
DERATING CURVE(Io-Ta)
Sin(θ=180)
DC
D=1/2
4/4
2011.12 - Rev.A



Html Pages

1 2 3 4 5