Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM3359 Fiches technique(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM3359
Description  Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM3359 Fiches technique(HTML) 21 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 17Page - Texas Instruments AM3359 Datasheet HTML 18Page - Texas Instruments AM3359 Datasheet HTML 19Page - Texas Instruments AM3359 Datasheet HTML 20Page - Texas Instruments AM3359 Datasheet HTML 21Page - Texas Instruments AM3359 Datasheet HTML 22Page - Texas Instruments AM3359 Datasheet HTML 23Page - Texas Instruments AM3359 Datasheet HTML 24Page - Texas Instruments AM3359 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 236 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717F – OCTOBER 2011 – REVISED APRIL 2013
Table 2-7. Ball Characteristics (ZCE and ZCZ Packages) (continued)
BALL RESET
BUFFER
PULLUP
ZCE BALL
ZCZ BALL
TYPE BALL RESET
RESET REL.
ZCE POWER /
HYS
PIN NAME [2]
SIGNAL NAME [3]
MODE [4]
REL. STATE
STRENGTH
/DOWN TYPE
I/O CELL [13]
NUMBER [1] NUMBER [1]
[5]
STATE [6]
MODE [8]
ZCZ POWER [9]
[10]
[7]
(mA) [11]
[12]
F4
E3
DDR_A12
ddr_a12
0
O
H
1
0
VDDS_DDR /
NA
8
PU/PD
LVCMOS/SSTL/
VDDS_DDR
HSTL
H1
H3
DDR_A13
ddr_a13
0
O
H
1
0
VDDS_DDR /
NA
8
PU/PD
LVCMOS/SSTL/
VDDS_DDR
HSTL
H3
H4
DDR_A14
ddr_a14
0
O
H
1
0
VDDS_DDR /
NA
8
PU/PD
LVCMOS/SSTL/
VDDS_DDR
HSTL
E3
D3
DDR_A15
ddr_a15
0
O
H
1
0
VDDS_DDR /
NA
8
PU/PD
LVCMOS/SSTL/
VDDS_DDR
HSTL
A3
C4
DDR_BA0
ddr_ba0
0
O
H
1
0
VDDS_DDR /
NA
8
PU/PD
LVCMOS/SSTL/
VDDS_DDR
HSTL
E1
E1
DDR_BA1
ddr_ba1
0
O
H
1
0
VDDS_DDR /
NA
8
PU/PD
LVCMOS/SSTL/
VDDS_DDR
HSTL
B4
B3
DDR_BA2
ddr_ba2
0
O
H
1
0
VDDS_DDR /
NA
8
PU/PD
LVCMOS/SSTL/
VDDS_DDR
HSTL
F1
F1
DDR_CASn
ddr_casn
0
O
H
1
0
VDDS_DDR /
NA
8
PU/PD
LVCMOS/SSTL/
VDDS_DDR
HSTL
C2
D2
DDR_CK
ddr_ck
0
O
L
0
0
VDDS_DDR /
NA
8
PU/PD
LVCMOS/SSTL/
VDDS_DDR
HSTL
G3
G3
DDR_CKE
ddr_cke
0
O
L
0
0
VDDS_DDR /
NA
8
PU/PD
LVCMOS/SSTL/
VDDS_DDR
HSTL
C1
D1
DDR_CKn
ddr_nck
0
O
H
1
0
VDDS_DDR /
NA
8
PU/PD
LVCMOS/SSTL/
VDDS_DDR
HSTL
H2
H2
DDR_CSn0
ddr_csn0
0
O
H
1
0
VDDS_DDR /
NA
8
PU/PD
LVCMOS/SSTL/
VDDS_DDR
HSTL
N4
M3
DDR_D0
ddr_d0
0
I/O
L
Z
0
VDDS_DDR /
Yes
8
PU/PD
LVCMOS/SSTL/
VDDS_DDR
HSTL
P4
M4
DDR_D1
ddr_d1
0
I/O
L
Z
0
VDDS_DDR /
Yes
8
PU/PD
LVCMOS/SSTL/
VDDS_DDR
HSTL
P2
N1
DDR_D2
ddr_d2
0
I/O
L
Z
0
VDDS_DDR /
Yes
8
PU/PD
LVCMOS/SSTL/
VDDS_DDR
HSTL
P1
N2
DDR_D3
ddr_d3
0
I/O
L
Z
0
VDDS_DDR /
Yes
8
PU/PD
LVCMOS/SSTL/
VDDS_DDR
HSTL
P3
N3
DDR_D4
ddr_d4
0
I/O
L
Z
0
VDDS_DDR /
Yes
8
PU/PD
LVCMOS/SSTL/
VDDS_DDR
HSTL
T1
N4
DDR_D5
ddr_d5
0
I/O
L
Z
0
VDDS_DDR /
Yes
8
PU/PD
LVCMOS/SSTL/
VDDS_DDR
HSTL
T2
P3
DDR_D6
ddr_d6
0
I/O
L
Z
0
VDDS_DDR /
Yes
8
PU/PD
LVCMOS/SSTL/
VDDS_DDR
HSTL
R3
P4
DDR_D7
ddr_d7
0
I/O
L
Z
0
VDDS_DDR /
Yes
8
PU/PD
LVCMOS/SSTL/
VDDS_DDR
HSTL
K2
J1
DDR_D8
ddr_d8
0
I/O
L
Z
0
VDDS_DDR /
Yes
8
PU/PD
LVCMOS/SSTL/
VDDS_DDR
HSTL
K1
K1
DDR_D9
ddr_d9
0
I/O
L
Z
0
VDDS_DDR /
Yes
8
PU/PD
LVCMOS/SSTL/
VDDS_DDR
HSTL
M3
K2
DDR_D10
ddr_d10
0
I/O
L
Z
0
VDDS_DDR /
Yes
8
PU/PD
LVCMOS/SSTL/
VDDS_DDR
HSTL
Copyright © 2011–2013, Texas Instruments Incorporated
Terminal Description
21
Submit Documentation Feedback
Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More