| Moteur de recherche de fiches techniques de composants électroniques |
|
AM3359 Fiches technique(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM3359 Fiches technique(HTML) 22 Page - Texas Instruments |
|
22 / 236 page ![]() AM3359, AM3358, AM3357 AM3356, AM3354, AM3352 SPRS717F – OCTOBER 2011 – REVISED APRIL 2013 www.ti.com Table 2-7. Ball Characteristics (ZCE and ZCZ Packages) (continued) BALL RESET BUFFER PULLUP ZCE BALL ZCZ BALL TYPE BALL RESET RESET REL. ZCE POWER / HYS PIN NAME [2] SIGNAL NAME [3] MODE [4] REL. STATE STRENGTH /DOWN TYPE I/O CELL [13] NUMBER [1] NUMBER [1] [5] STATE [6] MODE [8] ZCZ POWER [9] [10] [7] (mA) [11] [12] M4 K3 DDR_D11 ddr_d11 0 I/O L Z 0 VDDS_DDR / Yes 8 PU/PD LVCMOS/SSTL/ VDDS_DDR HSTL M2 K4 DDR_D12 ddr_d12 0 I/O L Z 0 VDDS_DDR / Yes 8 PU/PD LVCMOS/SSTL/ VDDS_DDR HSTL M1 L3 DDR_D13 ddr_d13 0 I/O L Z 0 VDDS_DDR / Yes 8 PU/PD LVCMOS/SSTL/ VDDS_DDR HSTL N2 L4 DDR_D14 ddr_d14 0 I/O L Z 0 VDDS_DDR / Yes 8 PU/PD LVCMOS/SSTL/ VDDS_DDR HSTL N1 M1 DDR_D15 ddr_d15 0 I/O L Z 0 VDDS_DDR / Yes 8 PU/PD LVCMOS/SSTL/ VDDS_DDR HSTL N3 M2 DDR_DQM0 ddr_dqm0 0 O H 1 0 VDDS_DDR / NA 8 PU/PD LVCMOS/SSTL/ VDDS_DDR HSTL K3 J2 DDR_DQM1 ddr_dqm1 0 O H 1 0 VDDS_DDR / NA 8 PU/PD LVCMOS/SSTL/ VDDS_DDR HSTL R1 P1 DDR_DQS0 ddr_dqs0 0 I/O L Z 0 VDDS_DDR / Yes 8 PU/PD LVCMOS/SSTL/ VDDS_DDR HSTL L1 L1 DDR_DQS1 ddr_dqs1 0 I/O L Z 0 VDDS_DDR / Yes 8 PU/PD LVCMOS/SSTL/ VDDS_DDR HSTL R2 P2 DDR_DQSn0 ddr_dqsn0 0 I/O H Z 0 VDDS_DDR / Yes 8 PU/PD LVCMOS/SSTL/ VDDS_DDR HSTL L2 L2 DDR_DQSn1 ddr_dqsn1 0 I/O H Z 0 VDDS_DDR / Yes 8 PU/PD LVCMOS/SSTL/ VDDS_DDR HSTL G1 G1 DDR_ODT ddr_odt 0 O L 0 0 VDDS_DDR / NA 8 PU/PD LVCMOS/SSTL/ VDDS_DDR HSTL F2 G4 DDR_RASn ddr_rasn 0 O H 1 0 VDDS_DDR / NA 8 PU/PD LVCMOS/SSTL/ VDDS_DDR HSTL G2 G2 DDR_RESETn ddr_resetn 0 O L 0 0 VDDS_DDR / NA 8 PU/PD LVCMOS/SSTL/ VDDS_DDR HSTL H4 J4 DDR_VREF ddr_vref 0 A (17) NA NA NA VDDS_DDR / NA NA NA Analog VDDS_DDR J1 J3 DDR_VTP ddr_vtp 0 I (18) NA NA NA VDDS_DDR / NA NA NA Analog VDDS_DDR A4 B2 DDR_WEn ddr_wen 0 O H 1 0 VDDS_DDR / NA 8 PU/PD LVCMOS/SSTL/ VDDS_DDR HSTL E18 C18 ECAP0_IN_PWM0_OUT eCAP0_in_PWM0_out 0 I/O Z L 7 VDDSHV6 / Yes 4 PU/PD LVCMOS VDDSHV6 uart3_txd 1 O spi1_cs1 2 I/O pr1_ecap0_ecap_capin_apwm_o 3 I/O spi1_sclk 4 I/O mmc0_sdwp 5 I xdma_event_intr2 6 I gpio0_7 7 I/O A15 C14 EMU0 EMU0 0 I/O H H 0 VDDSHV6 / Yes 6 PU/PD LVCMOS VDDSHV6 gpio3_7 7 I/O 22 Terminal Description Copyright © 2011–2013, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Links: AM3359 AM3358 AM3357 AM3356 AM3354 AM3352 |