Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F030C8 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce STM32F030C8
Description  Value-line ARM-based 32-bit MCU with 16 to 64-KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030C8 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button STM32F030C8 Datasheet HTML 27Page - STMicroelectronics STM32F030C8 Datasheet HTML 28Page - STMicroelectronics STM32F030C8 Datasheet HTML 29Page - STMicroelectronics STM32F030C8 Datasheet HTML 30Page - STMicroelectronics STM32F030C8 Datasheet HTML 31Page - STMicroelectronics STM32F030C8 Datasheet HTML 32Page - STMicroelectronics STM32F030C8 Datasheet HTML 33Page - STMicroelectronics STM32F030C8 Datasheet HTML 34Page - STMicroelectronics STM32F030C8 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
Table 12. Alternate functions selected through GPIOA_AFR registers for port A
Pin name
AF0
AF1
AF2
AF3
AF4
AF5
AF6
PA0
-
USART1_CTS(1)
1. This feature is available on STM32F030x6 and STM32F030x4 devices only.
--
-
-
-
USART2_CTS(2)
2. This feature is available on STM32F030x8 devices only.
PA1
EVENTOUT
USART1_RTS(1)
--
-
-
-
USART2_RTS(2)
PA2
TIM15_CH1(2)
USART1_TX(1)
--
-
-
-
USART2_TX(2)
PA3
TIM15_CH2(2)
USART1_RX(1)
--
-
-
-
USART2_RX(2)
PA4
SPI1_NSS
USART1_CK(1)
-
-
TIM14_CH1
-
-
USART2_CK(2)
PA5
SPI1_SCK
-
-
-
-
-
-
PA6
SPI1_MISO
TIM3_CH1
TIM1_BKIN
-
-
TIM16_CH1
EVENTOUT
PA7
SPI1_MOSI
TIM3_CH2
TIM1_CH1N
-
TIM14_CH1
TIM17_CH1
EVENTOUT
PA8
MCO
USART1_CK
TIM1_CH1
EVENTOUT
-
-
-
PA9
TIM15_BKIN(2)
USART1_TX
TIM1_CH2
-
I2C1_SCL(1)
--
PA10
TIM17_BKIN
USART1_RX
TIM1_CH3
-
I2C1_SDA(1)
--
PA11
EVENTOUT
USART1_CTS
TIM1_CH4
-
-
-
-
PA12
EVENTOUT
USART1_RTS
TIM1_ETR
-
-
-
-
PA13
SWDIO
IR_OUT
-
-
-
-
-
PA14
SWCLK
USART1_TX(1)
--
-
-
-
USART2_TX(2)
PA15
SPI1_NSS
USART1_RX(1)
-
EVENTOUT
-
-
-
USART2_RX(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88