Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F030F4 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce STM32F030F4
Description  Value-line ARM-based 32-bit MCU with 16 to 64-KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030F4 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button STM32F030F4 Datasheet HTML 28Page - STMicroelectronics STM32F030F4 Datasheet HTML 29Page - STMicroelectronics STM32F030F4 Datasheet HTML 30Page - STMicroelectronics STM32F030F4 Datasheet HTML 31Page - STMicroelectronics STM32F030F4 Datasheet HTML 32Page - STMicroelectronics STM32F030F4 Datasheet HTML 33Page - STMicroelectronics STM32F030F4 Datasheet HTML 34Page - STMicroelectronics STM32F030F4 Datasheet HTML 35Page - STMicroelectronics STM32F030F4 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
Table 13. Alternate functions selected through GPIOB_AFR registers for port B
Pin name
AF0
AF1
AF2
AF3
PB0
EVENTOUT
TIM3_CH3
TIM1_CH2N
-
PB1
TIM14_CH1
TIM3_CH4
TIM1_CH3N
-
PB2
-
-
-
-
PB3
SPI1_SCK
EVENTOUT
-
-
PB4
SPI1_MISO
TIM3_CH1
EVENTOUT
-
PB5
SPI1_MOSI
TIM3_CH2
TIM16_BKIN
I2C1_SMBA
PB6
USART1_TX
I2C1_SCL
TIM16_CH1N
-
PB7
USART1_RX
I2C1_SDA
TIM17_CH1N
-
PB8
-
I2C1_SCL
TIM16_CH1
-
PB9
IR_OUT
I2C1_SDA
TIM17_CH1
EVENTOUT
PB10
-
I2C1_SCL(1)
1. This feature is available on STM32F030x6 and STM32F030x4 devices only.
--
I2C2_SCL(2)
2. This feature is available on STM32F030x8 devices only.
PB11
EVENTOUT
I2C1_SDA(1)
--
I2C2_SDA(2)
PB12
SPI1_NSS(1)
EVENTOUT
TIM1_BKIN
-
SPI2_NSS(2)
PB13
SPI1_SCK(1)
-
TIM1_CH1N
-
SPI2_SCK(2)
PB14
SPI1_MISO(1)
TIM15_CH1(2)
TIM1_CH2N
-
SPI2_MISO(2)
PB15
SPI1_MOSI(1)
TIM15_CH2(2)
TIM1_CH3N
TIM15_CH1N(2)
SPI2_MOSI(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88