Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F030x8 Fiches technique(PDF) 85 Page - STMicroelectronics

No de pièce STM32F030x8
Description  Value-line ARM-based 32-bit MCU with 16 to 64-KB Flash, timers, ADC, communication interfaces, 2.4-3.6 V operation
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F030x8 Fiches technique(HTML) 85 Page - STMicroelectronics

Back Button STM32F030x8 Datasheet HTML 80Page - STMicroelectronics STM32F030x8 Datasheet HTML 81Page - STMicroelectronics STM32F030x8 Datasheet HTML 82Page - STMicroelectronics STM32F030x8 Datasheet HTML 83Page - STMicroelectronics STM32F030x8 Datasheet HTML 84Page - STMicroelectronics STM32F030x8 Datasheet HTML 85Page - STMicroelectronics STM32F030x8 Datasheet HTML 86Page - STMicroelectronics STM32F030x8 Datasheet HTML 87Page - STMicroelectronics STM32F030x8 Datasheet HTML 88Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 85 / 88 page
background image
DocID024849 Rev 1
85/88
STM32F030x4 STM32F030x6 STM32F030x8
Package characteristics
85
Refer to Figure 34 to select the required temperature range (suffix 6 or 7) according to your
ambient temperature or power requirements. For suffix 7, refer to STM32F05x devices.
Figure 34. LQFP64 PD max vs. TA
MSv32143V1
600
0
100
200
300
400
500
700
65
75
85
95
105
115
125
135
Suffix 6
Suffix 7
TA (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88