| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F030x6 Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F030x6 Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 88 page ![]() DocID024849 Rev 1 29/88 STM32F030x4 STM32F030x6 STM32F030x8 Pinouts and pin descriptions 32 48 36 - - PF7 I/O FT I2C1_SDA(2), I2C2_SDA(3) - 49 37 24 20 PA14 (SWCLK) I/O FT (5) USART1_TX(2), USART2_TX(3), SWCLK - 50 38 25 - PA15 I/O FT SPI1_NSS, USART1_RX(2), USART2_RX(3), EVENTOUT - 51 - - - PC10 I/O FT - - 52 --- PC11 I/O FT - - 53 - - - PC12 I/O FT - - 54 - - - PD2 I/O FT TIM3_ETR - 55 39 26 - PB3 I/O FT SPI1_SCK, EVENTOUT - 56 40 27 - PB4 I/O FT SPI1_MISO, TIM3_CH1, EVENTOUT - 57 41 28 - PB5 I/O FT SPI1_MOSI, I2C1_SMBA, TIM16_BKIN, TIM3_CH2 - 58 42 29 - PB6 I/O FTf I2C1_SCL, USART1_TX, TIM16_CH1N - 59 43 30 - PB7 I/O FTf I2C1_SDA, USART1_RX, TIM17_CH1N - 60 44 31 1 BOOT0 I B Boot memory selection 61 45 - - PB8 I/O FTf (5) I2C1_SCL, TIM16_CH1 - 62 46 - - PB9 I/O FTf I2C1_SDA, IR_OUT, TIM17_CH1, EVENTOUT - Table 11. Pin definitions (continued) Pin number Pin name (function after reset) Notes Pin functions Alternate functions Additional functions |