| Moteur de recherche de fiches techniques de composants électroniques |
|
ADNB-6002 Fiches technique(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
|
|||||||||||||||||||||||||||||
ADNB-6002 Fiches technique(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED |
|
2 / 4 page ![]() 2 Part Numbers Description LED-based Products with Base Part Numbers ADNK-XXXX Optical Mouse Kits 2. Optical Mouse Designer’s Kit (ADNK-XXX3)*** a. Optical Mouse Sensor (5 units) b. Round lens (5 units) c. Trim lens (5 units) d. Black clip (5 units) e. Clear clip (5 units) f. LED (5 units) g. Microcontroller (5 units) - optional h. CD containing Agilent’s technical literature and support files (1 unit) i. CD containing microcontroller’s technical literature and support files (1 unit) - optional j. Complete working reference design mouse (1 unit) *** Except for ADNK-2051 and ADNK-3061 Currently, there are six LED-based optical mouse sensors available from Agilent Technologies. These are: No. Part Number Description 1 ADNS-2030 Low power optical mouse sensor optimized for cordless mouse applications 2 ADNS-2051 Mid range optical mouse sensor for corded and cordless mouse applications 3 ADNS-2620 Entry-level, small form-factor, optical mouse sensor with performance features for general mouse applications 4 ADNS-2610 Entry-level, small form-factor, optical mouse sensor for general mouse applications 5 ADNS-3060 High-performance optical mouse sensor 6 ADNS-3080 High-resolution optical mouse sensor for gaming applications |