Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP3963 Fiches technique(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
No de pièce LP3963
Description  Ultra Low Dropout Voltage, Low Ground Pin Current, Load Regulation of 0.06%
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

LP3963 Fiches technique(HTML) 22 Page - Texas Instruments

Back Button LP3963 Datasheet HTML 17Page - Texas Instruments LP3963 Datasheet HTML 18Page - Texas Instruments LP3963 Datasheet HTML 19Page - Texas Instruments LP3963 Datasheet HTML 20Page - Texas Instruments LP3963 Datasheet HTML 21Page - Texas Instruments LP3963 Datasheet HTML 22Page - Texas Instruments LP3963 Datasheet HTML 23Page - Texas Instruments LP3963 Datasheet HTML 24Page - Texas Instruments LP3963 Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TO-263
LP3966ESX-ADJ/NOPB
DDPAK/
TO-263
KTT
5
500
330.0
24.4
10.75
14.85
5.0
16.0
24.0
Q2
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LP3963ESX-2.5
DDPAK/TO-263
KTT
5
500
367.0
367.0
45.0
LP3963ESX-2.5/NOPB
DDPAK/TO-263
KTT
5
500
367.0
367.0
45.0
LP3963ESX-3.3
DDPAK/TO-263
KTT
5
500
367.0
367.0
45.0
LP3963ESX-3.3/NOPB
DDPAK/TO-263
KTT
5
500
367.0
367.0
45.0
LP3966ESX-1.8
DDPAK/TO-263
KTT
5
500
367.0
367.0
45.0
LP3966ESX-1.8/NOPB
DDPAK/TO-263
KTT
5
500
367.0
367.0
45.0
LP3966ESX-2.5
DDPAK/TO-263
KTT
5
500
367.0
367.0
45.0
LP3966ESX-2.5/NOPB
DDPAK/TO-263
KTT
5
500
367.0
367.0
45.0
LP3966ESX-3.3
DDPAK/TO-263
KTT
5
500
367.0
367.0
45.0
LP3966ESX-3.3/NOPB
DDPAK/TO-263
KTT
5
500
367.0
367.0
45.0
LP3966ESX-ADJ
DDPAK/TO-263
KTT
5
500
367.0
367.0
45.0
LP3966ESX-ADJ/NOPB
DDPAK/TO-263
KTT
5
500
367.0
367.0
45.0
PACKAGE MATERIALS INFORMATION
www.ti.com
8-Apr-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25