Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LP2992IM5-3.0/NOPB Fiches technique(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
No de pièce LP2992IM5-3.0/NOPB
Description  LP2992 Micropower 250 mA Low-Noise Ultra Low-Dropout Regulator in SOT-23 and WSON Packages Designed for Use with Very Low ESR Output Capacitors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LP2992IM5-3.0/NOPB Fiches technique(HTML) 23 Page - Texas Instruments

Back Button LP2992IM5-3.0/NOPB Datasheet HTML 19Page - Texas Instruments LP2992IM5-3.0/NOPB Datasheet HTML 20Page - Texas Instruments LP2992IM5-3.0/NOPB Datasheet HTML 21Page - Texas Instruments LP2992IM5-3.0/NOPB Datasheet HTML 22Page - Texas Instruments LP2992IM5-3.0/NOPB Datasheet HTML 23Page - Texas Instruments LP2992IM5-3.0/NOPB Datasheet HTML 24Page - Texas Instruments LP2992IM5-3.0/NOPB Datasheet HTML 25Page - Texas Instruments LP2992IM5-3.0/NOPB Datasheet HTML 26Page - Texas Instruments LP2992IM5-3.0/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LP2992AILD-5.0
WSON
NGD
6
1000
210.0
185.0
35.0
LP2992AILD-5.0/NOPB
WSON
NGD
6
1000
213.0
191.0
55.0
LP2992AILDX-1.8
WSON
NGD
6
4500
367.0
367.0
35.0
LP2992AILDX-1.8/NOPB
WSON
NGD
6
4500
367.0
367.0
35.0
LP2992AILDX-3.3
WSON
NGD
6
4500
367.0
367.0
35.0
LP2992AILDX-3.3/NOPB
WSON
NGD
6
4500
367.0
367.0
35.0
LP2992AILDX-5.0
WSON
NGD
6
4500
367.0
367.0
35.0
LP2992AILDX-5.0/NOPB
WSON
NGD
6
4500
367.0
367.0
35.0
LP2992AIM5-1.5
SOT-23
DBV
5
1000
210.0
185.0
35.0
LP2992AIM5-1.5/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
LP2992AIM5-1.8
SOT-23
DBV
5
1000
210.0
185.0
35.0
LP2992AIM5-1.8/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
LP2992AIM5-2.5
SOT-23
DBV
5
1000
210.0
185.0
35.0
LP2992AIM5-2.5/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
LP2992AIM5-3.3
SOT-23
DBV
5
1000
210.0
185.0
35.0
LP2992AIM5-3.3/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
LP2992AIM5-5.0
SOT-23
DBV
5
1000
210.0
185.0
35.0
LP2992AIM5-5.0/NOPB
SOT-23
DBV
5
1000
210.0
185.0
35.0
LP2992AIM5X-1.5
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2992AIM5X-1.5/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2992AIM5X-1.8
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2992AIM5X-1.8/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2992AIM5X-2.5
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2992AIM5X-2.5/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2992AIM5X-3.3
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2992AIM5X-3.3/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2992AIM5X-5.0
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2992AIM5X-5.0/NOPB
SOT-23
DBV
5
3000
210.0
185.0
35.0
LP2992ILD-1.8
WSON
NGD
6
1000
210.0
185.0
35.0
LP2992ILD-1.8/NOPB
WSON
NGD
6
1000
213.0
191.0
55.0
LP2992ILD-2.5
WSON
NGD
6
1000
210.0
185.0
35.0
LP2992ILD-2.5/NOPB
WSON
NGD
6
1000
213.0
191.0
55.0
LP2992ILD-3.3
WSON
NGD
6
1000
210.0
185.0
35.0
LP2992ILD-3.3/NOPB
WSON
NGD
6
1000
213.0
191.0
55.0
LP2992ILD-5.0
WSON
NGD
6
1000
210.0
185.0
35.0
LP2992ILD-5.0/NOPB
WSON
NGD
6
1000
213.0
191.0
55.0
LP2992ILDX-1.5
WSON
NGD
6
4500
367.0
367.0
35.0
LP2992ILDX-1.5/NOPB
WSON
NGD
6
4500
367.0
367.0
35.0
LP2992ILDX-1.8
WSON
NGD
6
4500
367.0
367.0
35.0
LP2992ILDX-1.8/NOPB
WSON
NGD
6
4500
367.0
367.0
35.0
LP2992ILDX-3.3
WSON
NGD
6
4500
367.0
367.0
35.0
LP2992ILDX-3.3/NOPB
WSON
NGD
6
4500
367.0
367.0
35.0
LP2992ILDX-5.0
WSON
NGD
6
4500
367.0
367.0
35.0
LP2992ILDX-5.0/NOPB
WSON
NGD
6
4500
367.0
367.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
26-Mar-2013
Pack Materials-Page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28