| Moteur de recherche de fiches techniques de composants électroniques |
|
LP2992IM5-1.5 Fiches technique(PDF) 17 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP2992IM5-1.5 Fiches technique(HTML) 17 Page - Texas Instruments |
|
17 / 28 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 11-Apr-2013 Addendum-Page 3 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples LP2992ILD-3.3 ACTIVE WSON NGD 6 1000 TBD Call TI Call TI -40 to 125 L014A B LP2992ILD-3.3/NOPB ACTIVE WSON NGD 6 1000 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L014A B LP2992ILD-5.0 ACTIVE WSON NGD 6 1000 TBD Call TI Call TI -40 to 125 L015A B LP2992ILD-5.0/NOPB ACTIVE WSON NGD 6 1000 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L015A B LP2992ILDX-1.5 ACTIVE WSON NGD 6 4500 TBD Call TI Call TI -40 to 125 L011A B LP2992ILDX-1.5/NOPB ACTIVE WSON NGD 6 4500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L011A B LP2992ILDX-1.8 ACTIVE WSON NGD 6 4500 TBD Call TI Call TI -40 to 125 L012A B LP2992ILDX-1.8/NOPB ACTIVE WSON NGD 6 4500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L012A B LP2992ILDX-3.3 ACTIVE WSON NGD 6 4500 TBD Call TI Call TI -40 to 125 L014A B LP2992ILDX-3.3/NOPB ACTIVE WSON NGD 6 4500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L014A B LP2992ILDX-5.0 ACTIVE WSON NGD 6 4500 TBD Call TI Call TI -40 to 125 L015A B LP2992ILDX-5.0/NOPB ACTIVE WSON NGD 6 4500 Green (RoHS & no Sb/Br) CU SN Level-3-260C-168 HR -40 to 125 L015A B LP2992IM5-1.5 ACTIVE SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 125 LFBB LP2992IM5-1.5/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LFBB LP2992IM5-1.8 ACTIVE SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 125 LFCB LP2992IM5-1.8/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LFCB LP2992IM5-2.5 ACTIVE SOT-23 DBV 5 1000 TBD Call TI Call TI -40 to 125 LFDB LP2992IM5-2.5/NOPB ACTIVE SOT-23 DBV 5 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LFDB |