Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACST1235-7T Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce ACST1235-7T
Description  Overvoltage protected AC switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACST1235-7T Fiches technique(HTML) 3 Page - STMicroelectronics

  ACST1235-7T Datasheet HTML 1Page - STMicroelectronics ACST1235-7T Datasheet HTML 2Page - STMicroelectronics ACST1235-7T Datasheet HTML 3Page - STMicroelectronics ACST1235-7T Datasheet HTML 4Page - STMicroelectronics ACST1235-7T Datasheet HTML 5Page - STMicroelectronics ACST1235-7T Datasheet HTML 6Page - STMicroelectronics ACST1235-7T Datasheet HTML 7Page - STMicroelectronics ACST1235-7T Datasheet HTML 8Page - STMicroelectronics ACST1235-7T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ACST12
Characteristics
Doc ID 15238 Rev 4
3/13
Table 4.
Static characteristics
Symbol
Test conditions
Value
Unit
VTM
(1)
IOUT = 17 A, tp = 500 µs
Tj = 25 °C
MAX.
1.5
V
VT0
(1)
Threshold voltage
Tj = 125 °C
MAX.
0.9
V
Rd
(1)
Dynamic resistance
Tj = 125 °C
MAX.
30
m
Ω
IDRM
IRRM
VOUT = VDRM/ VRRM
Tj = 25 °C
MAX.
20
µA
Tj = 125 °C
1.5
mA
1.
For both polarities of OUT pin referenced to COM pin
Table 5.
Thermal characteristics
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
TO-220AB
1.5
°C/W
D2PAK
°C/W
Rth(j-a)
Junction to ambient
TO-220AB
60
°C/W
D2PAK with 1 cm2 of Cu
45
°C/W
Figure 2.
Maximum power dissipation versus
on-state rms current (full cycle)
Figure 3.
On-state rms current versus case
temperature (full cycle)
P(W)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
012
345678
9
10
11
12
α=180 °
I
(A)
T(RMS)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
0
25
50
75
100
125
I
T(RMS)(A)
TC(°C)
TC(°C)
Figure 4.
On-state rms current versus
ambient temperature (free air
convection full cycle)
Figure 5.
Relative variation of thermal
impedance versus pulse duration
IT(RMS)(A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
25
50
75
100
125
TO-220AB
D2PAK
With 1cm2 of cu
Tamb(°C)
K=[Zth/Rth]
1.0E-02
1.0E-01
1.0E+00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
Zth(j-a)
Z th(j-c)
tp(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com