Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1337CSRI Fiches technique(PDF) 11 Page - Integrated Device Technology

No de pièce 1337CSRI
Description  REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

1337CSRI Fiches technique(HTML) 11 Page - Integrated Device Technology

Back Button 1337CSRI Datasheet HTML 7Page - Integrated Device Technology 1337CSRI Datasheet HTML 8Page - Integrated Device Technology 1337CSRI Datasheet HTML 9Page - Integrated Device Technology 1337CSRI Datasheet HTML 10Page - Integrated Device Technology 1337CSRI Datasheet HTML 11Page - Integrated Device Technology 1337CSRI Datasheet HTML 12Page - Integrated Device Technology 1337CSRI Datasheet HTML 13Page - Integrated Device Technology 1337CSRI Datasheet HTML 14Page - Integrated Device Technology 1337CSRI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
IDT1337
REA LTIME CLOCK WITH SERIAL INTERFACE
RTC
IDT™ REAL-TIME CLOCK WITH I2C SERIAL INTERFACE
11
IDT1337
REV J 111009
before the initiation of a read mode the first address that is
read is the last one stored in the register pointer. The
IDT1337 must receive a “not acknowledge” to end a read.
Data Write – Slave Receiver Mode
Data Read (from current Pointer location) – Slave Transmitter Mode
Data Read (Write Pointer, then Read) – Slave Receive and Transmit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24